Part Number Hot Search : 
CDA5Q 36000 KV10X38 0R12KE3 CEM4481 TA121 09CCCZ 2013S
Product Description
Full Text Search
 

To Download U7006B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * *
Single 3-V Supply Voltage High Power-added Efficient Power Amplifier (Pout typically 26.5 dBm) Ramp-controlled Output Power Low-noise Preamplifier (NF typically 1.8 dB) Biasing for External PIN Diode T/R Switch Current-saving Standby Mode Few External Components
Electrostatic sensitive device. Observe precautions for handling.
DECT SiGe Front End IC with High PAE U7006B
Description
The U7006B is a monolithic SiGe transmit/receive front end IC with power amplifier, 50-W internal matching, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like DECT. Due to the ramp-control feature and a very low quiescent current, an external switch transistor for VS is not required. Figure 1. Block Diagram
VS_PA V1_PA
PA PA_IN RAMP LNA LNA_IN TX/RX Standby control T/R Switch driver SWITCH_OUT V2_PA_OUT
LNA_OUT
RX_ON
PU
R_SWITCH
4714A-DECT-07/03
1
Pin Configuration
Figure 2. Pinning PSSO16
R_SWITCH SWITCH_OUT
1
16
PU
2
15
RX_ON
GND1
3
14
LNA_OUT
LNA_IN V1_PA
4
13
GND2
U7006B
5 12 VS_LNA
V2_PA_OUT
6
11
PA_IN
V2_PA_OUT
7
10
RAMP
V2_PA_OUT
8
9
VS_PA
Pin Description
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol R_SWITCH SWITCH_OUT GND1 LNA_IN V1_PA V2_PA-OUT VS_PA RAMP PA_IN VS_LNA GND2 LNA_OUT RX_ON PU Function Resistor to GND sets the PIN diode current Switched current output for PIN diode Ground Low-noise amplifier input Inductor to power supply for power amplifier Inductor to power supply and matching network for power amplifier output Supply voltage for power amplifier Power-ramping control input Power amplifier input Supply-voltage input for low-noise amplifier Ground Low-noise amplifier output RX active high Power-up active high
2
U7006B
4714A-DECT-07/03
U7006B
Absolute Maximum Ratings
All voltages refer to GND (Pins 3 and slug), ESD protection according to ESD-S5.2-1994, Class M1.
Parameters Supply voltage; pins 6, 10, 13 and 16 (no RF) Junction temperature Storage temperature Input power PA, Pin 11 Input power LNA, Pin 4 Symbol VS Tj Tstg PinPA PinLNA Value 5 150 -40 to +125 +10 -5 Unit V C C dBm dBm
Thermal Resistance
Parameters Junction ambient Symbol RthJA Value 30 Unit K/W
Operating Range
All voltages refer to GND (Pins 3, 13 and slug). The following table represents the sum of all supply currents depending on the TX/RX mode. Power supply points are VS_LNA, VS_PA, V1_PA, V2_PA_OUT.
Parameters Supply voltage pins 5, 6, 7, 8 and 9 Supply voltage pin 12 Supply current TX RX Standby current PU = 0 Ambient temperature Symbol VS VS IS IS IS Tamb -25 Min. 2.7 2.7 Typ. 3 3.6 350 8 10 +25 +70 Max. 4.6 4.6 Unit V V mA mA A C
Electrical Characteristics
Test conditions (unless otherwise specified): VS = 3 V, Tamb = 25C, CW mode
Parameters Power Amplifier (1) Supply voltage Supply current Supply current Standby current Frequency range Power gain Gain-control range Ramping voltage Ramping current Power-added efficiency Notes: Pins 5, 6, 7, 8 and 9 TX RX (PA off) Standby TX TX, pin 11 to pins 6, 7, 8 TX TX, power gain (max), pin 10 TX, power gain (max), pin 10 TX VS IS_TX IS_RX IS_standby f Gp DGp VRAMP max IRAMP PAE 1.88 28 48 2.1 0.5 40 2.0 2.7 3 350 10 10 1.94 4.6 V mA A A GHz dB dB V mA % Test Conditions Symbol Min. Typ. Max. Unit
1. Power amplifier shall be unconditionally stable, maximum duty cycle 50%, maximum load mismatch and duration: TBD 2. With external matching network (see Figure 13 ) 3. Low-noise amplifier shall be unconditionally stable
3
4714A-DECT-07/03
Electrical Characteristics (Continued)
Test conditions (unless otherwise specified): VS = 3 V, Tamb = 25C, CW mode
Parameters Saturated output power Input matching (2) Output matching
(2)
Test Conditions TX, referred to pins 6, 7, 8 VS = 3.6 V TX, pin 11 TX, pins 6, 7, 8 TX, pins 6, 7, 8 Pin 11 TX, pin 10 Pin = 2 dBm, VRAMP = 2 V VSWRout < 10:1 (all phases) Standby, pin 2 RX
Symbol Psat VSWRin VSWRout 2 fo 3 fo PinPA
Min.
Typ. 26.5 < 2:1 < 2:1 -30 10 -60
Max.
Unit dBm
Harmonics at P 1dB Maximum input power Stability (non harmonic emission)
dBc dBm dBc
T/R Switch Driver (Currently Programmed by External Resistor from R_SWITCH to GND) IS_O_standby IS_O_RX IS_O_100 IS_O_1k2 IS_O_33k VS IS IS IS f Gp NF P1dB IIP3 VSWRin VSWRin ViH ViL IiH IiL 2.4 0 40 0 1.88 17 19 1.8 -7 -15 < 2:1 < 2:1 VS 0.5 V V A A 2.0 2.7 1 3 10 3.6 8 300 1 10 1.94 4.6 2 2 A A mA mA mA V mA A A GHz dB dB dBm dBm
Switch-out current output
TX at 100 W TX at 1.2 kW TX at 33 kW
Low-noise Amplifier Supply voltage Supply current
(3)
All, pin 12 RX TX (control logic active), pin 12 Standby, pin 12 RX RX, pin 4 to pin 14 RX RX, refer to pin 14 RX RX RX = 1, pins 5 and 16 =0 =1 =0
Supply current (LNA and control logic) Standby current Frequency range Power gain Noise figure Gain compression 3rd-order input interception point Input matching Output matching Logic Input Levels (RX_ON, PU) High input level Low input level High input current Low input current Notes:
1. Power amplifier shall be unconditionally stable, maximum duty cycle 50%, maximum load mismatch and duration: TBD 2. With external matching network (see Figure 13 ) 3. Low-noise amplifier shall be unconditionally stable
4
U7006B
4714A-DECT-07/03
U7006B
Control Logic
Table 1. Control Logic for LNA and T/R Switch Driver
Operation Mode Standby TX RX PU 0 1 1 RX_ON 0 0 1
Figure 3. Output Power versus Ramp Voltage
30
20
Pout (dBM)
10
0
-10
-20 0.0 0.5 1.0 1.5 2.0 2.5 3.0
VRAMP (V)
Input/Output Circuits
Figure 4. Input Circuit PA_IN/VS_PA
9 VS_PA
11 PA_IN
13 GND
5
4714A-DECT-07/03
Figure 5. Input Circuit RAMP/VS_PA
9 VS_PA
10 RAMP
Slug GND
Figure 6. Input Circuit V1_PA
5 V1_PA
Slug GND
Figure 7. Input/Output Circuit V2_PA
6, 7, 8 V2_PA_OUT
Slug GND
6
U7006B
4714A-DECT-07/03
U7006B
Figure 8. Input Circuit LNA_IN/VS_LNA
12 VS_LNA
4 LNA_IN 3 GND
Figure 9. Output Circuit LNA_OUT
12 VS_LNA
14 LNA_OUT
Slug GND
7
4714A-DECT-07/03
Figure 10. Input Circuit SWITCH_OUT/R_SWITCH
9 VS_PA
2 SWITCH_OUT 1 R_SWITCH
Slug GND
Figure 11. Input Circuit RX_ON
12 VS_LNA
15 RX_ON
Figure 12. Input Circuit PU
12 VS_LNA
16 PU
8
U7006B
4714A-DECT-07/03
U7006B
Typical Application Circuit
Figure 13. Typical Schematic
LNA_OUT PU RX_ON
PCB
PA_IN RAMP
16
15
14
13
12
11
10
9
U7006B
TX/RX standby control TX
LNA PA 1 2 3 4 5 6
Harmonic termination PCB
7
8
PCB
diel. BPF
VS
PCB
Microstripline l/4
Antenna
9
4714A-DECT-07/03
Figure 14. U7006B Application Board Schematic
Figure 15. U7006B Application Board Layout
LNA_OUT PA_IN RAMP
0R
0R
56 pF 22 nH
56 pF
PU GND
56pF
RX_ON
DECT Frontend 100 pF
100pF
0R
2.7 pF
4.7 mF 0R 2.2 nH
1.1 pF 0.9 pF 0R 0R LED 56 pF 0R V1PA 18 nH 56 pF 1nF 1nF 1mF 56pF 0R 1 mF V2PA 0R
PA
VccPA
2k7
0R 390R
0R LNA_IN PA_OUT
TMK9821
10
U7006B
4714A-DECT-07/03
SWITCH_OUT
4.7 mF
LNA
1 nF
VS_LNA
U7006B
Ordering Information
Extended Type Number Package Remarks
U7006B-MLB U7006B-MLBG3
PSSO16 PSSO16
Tube Taped and reeled
Package Information
11
4714A-DECT-07/03
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2003. All rights reserved. Atmel (R) and combinations thereof are the registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be the trademarks of others. Printed on recycled paper.
4714A-DECT-07/03 xM


▲Up To Search▲   

 
Price & Availability of U7006B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X